| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS164D Fiches technique(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HCS164D Fiches technique(HTML) 2 Page - Intersil Corporation |
|
2 / 9 page ![]() 231 HCS164MS Functional Diagram TRUTH TABLE OPERATING MODE INPUTS OUTPUTS MR CP DS1 DS2 Q0 Q1-Q7 Reset (Clear) L X X X L L-L Shift H l l L q0 -q6 H l h L q0 - q6 H h l L q0 - q6 H h h H q0 - q6 H = High Voltage Level h = HIGH voltage level one setup time prior to the LOW-to-HIGH clock transistion L = Low VoltageLevel l = LOW voltage level one setup time prior to the LOW-to-HIGH clock transition. = LOW-to-HIGH clock transition q = Lower case letters indicate the state of the referenced input (or output) one setup time prior to the LOW-to-HIGH clock transition D1 D2 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CL D MR CP 9 8 1 2 R Q 3 4 5 6 10 11 12 13 CL D R Q CL D R Q CL D R Q CL D R Q CL D R Q CL D R Q CL D R Q Spec Number 518756 |