Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46170 Fiches technique(PDF) 2 Page - Dialog Semiconductor

No de pièce SLG46170
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170 Fiches technique(HTML) 2 Page - Dialog Semiconductor

  SLG46170 Datasheet HTML 1Page - Dialog Semiconductor SLG46170 Datasheet HTML 2Page - Dialog Semiconductor SLG46170 Datasheet HTML 3Page - Dialog Semiconductor SLG46170 Datasheet HTML 4Page - Dialog Semiconductor SLG46170 Datasheet HTML 5Page - Dialog Semiconductor SLG46170 Datasheet HTML 6Page - Dialog Semiconductor SLG46170 Datasheet HTML 7Page - Dialog Semiconductor SLG46170 Datasheet HTML 8Page - Dialog Semiconductor SLG46170 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
000-0046170-103
Page 1 of 86
SLG46170
1.0 Overview
The SLG46170 provides a small, low power component for commonly used mixed-signal functions. The user creates their circuit
design by programming the one time Non-Volatile Memory (NVM) to configure the interconnect logic, the I/O Pins and the
macrocells of the SLG46170. This highly versatile device allows a wide variety of mixed-signal functions to be designed within a
very small, low power single integrated circuit. The macrocells in the device include the following:
•
Fifteen Combinatorial Look Up Tables (LUTs)
• Five 2-bit LUTs
• Nine 3-bit LUTs
• One 4-bit LUT
•
Two Combination Function Macrocells
• One Selectable FF/Latch or 2-bit LUT
• One Selectable Pipe Delay or 3-bit LUT
• Pipe Delay – 16 stage / 3 output
•
Eight Counter / Delay Generators (CNT/DLY)
• One 14-bit delay/counter
• One 14-bit delay/counter with external clock/reset
• Four 8-bit delays/counters
• Two 8-bit delays/counters with external clock/reset
•
Six D Flip-Flop / Latches (DFF)
•
Pipe Delay – 16 stage/3 output (Part of Combination Function Macrocell)
•
Programmable Delay
•
Additional Logic Functions – 2 Deglitch Filters
•
RC Oscillator (RC OSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87