Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46110 Fiches technique(PDF) 21 Page - Dialog Semiconductor

No de pièce SLG46110
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110 Fiches technique(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46110 Datasheet HTML 17Page - Dialog Semiconductor SLG46110 Datasheet HTML 18Page - Dialog Semiconductor SLG46110 Datasheet HTML 19Page - Dialog Semiconductor SLG46110 Datasheet HTML 20Page - Dialog Semiconductor SLG46110 Datasheet HTML 21Page - Dialog Semiconductor SLG46110 Datasheet HTML 22Page - Dialog Semiconductor SLG46110 Datasheet HTML 23Page - Dialog Semiconductor SLG46110 Datasheet HTML 24Page - Dialog Semiconductor SLG46110 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
000-0046110-106
Page 20 of 81
SLG46110
7.5 GPI IO Structure
7.5.1 GPI IO Structure (for Pin 2)
Figure 2. PIN 2 GPI IO Structure Diagram
PAD
Digital In
10 k
90 k
900 k
Res_sel[1:0]
00: floating
01: 10 k
10: 100 k
11: 1 M
wosmt_en
smt_en
lv_en
Low Voltage
Input
Schmitt Trigger
Input
Non-Schmitt
Trigger Input
Input Mode [1:0]
00: Digital In without Schmitt Trigger, wosmt_en=1
01: Digital In with Schmitt Trigger, smt_en=1
10: Low Voltage Digital In mode, lv_en = 1
11: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82