Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP432P411VIPZR Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 3Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 4Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 5Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 6Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 7Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 8Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 9Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 10Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 212 page
background image
1
P10.1/UCB3CLK/L38
2
P10.2/UCB3SIMO/UCB3SDA/L37
3
P10.3/UCB3SOMI/UCB3SCL/L36
4
P1.0/UCA0STE/L19
5
P1.1/UCA0CLK/L18
6
P1.2/UCA0RXD/UCA0SOMI/L17
7
P1.3/UCA0TXD/UCA0SIMO/L16
8
P1.4/UCB0STE/L15
9
P1.5/UCB0CLK/L14
10
P1.6/UCB0SIMO/UCB0SDA/L13
11
P1.7/UCB0SOMI/UCB0SCL/L12
12
VCORE
13
DVCC1
14
VSW
15
DVSS1
16
P2.0/PM_UCA1STE/L11
17
P2.1/PM_UCA1CLK/L10
18
P2.2/PM_UCA1RXD/PM_UCA1SOMI/L9
19
P2.3/PM_UCA1TXD/PM_UCA1SIMO/L8
20
P2.4/PM_TA0.1/L23
21
P2.5/PM_TA0.2/L22
22
P2.6/PM_TA0.3/L21
23
P2.7/PM_TA0.4/L20
24
P10.4/TA3.0/C0.7/L35
25
P10.5/TA3.1/C0.6/L34
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
51
P8.7/A18/L18
52
P9.0/A17/L17
53
P9.1/A16/L16
54
P6.0/A15/L15
55
P6.1/A14/L14
56
P4.0/A13/L13
57
P4.1/A12/L12
58
P4.2/ACLK/TA2CLK/A11
59
P4.3/MCLK/RTCCLK/A10
60
P4.4/HSMCLK/SVMHOUT/A9
61
P4.5/A8
62
P4.6/A7
63
P4.7/A6
64
P5.0/A5
65
P5.1/A4
66
P5.2/A3
67
P5.3/A2
68
P5.4/A1
69
P5.5/A0
70
P5.6/TA2.1/VREF+/VeREF+/C1.7
71
P5.7/TA2.2/VREF-/VeREF-/C1.6
72
DVSS2
73
DVCC2
74
P9.2/TA3.3/L33
75
P9.3/TA3.4/L32
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
7
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
www.ti.com
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Terminal Configuration and Functions
Copyright © 2017–2018, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Pin Diagram for MSP432P411xI Devices
Figure 4-1 shows the pinout of the 100-pin PZ package.
A.
The secondary digital functions on Ports P2, P3, and P7 are fully mappable. This pinout shows only the default
mapping. See Section 6.9.2 for details.
B.
A glitch filter is implemented on these digital I/Os: P1.0, P1.4, P1.5, P3.0, P3.4, P3.5, P6.6, P6.7.
C.
UART BSL pins: P1.2 - BSLRXD, P1.3 - BSLTXD
D.
SPI BSL pins: P1.4 - BSLSTE, P1.5 - BSLCLK, P1.6 - BSLSIMO, P1.7 - BSLSOMI
E.
I2C BSL pins: P3.6 - BSLSDA, P3.7 - BSLSCL
Figure 4-1. 100-Pin PZ Package (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More