| Moteur de recherche de fiches techniques de composants électroniques |
|
PE3C0109-36 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE3C0109-36 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc. |
|
2 / 3 page ![]() TECHNICAL DATA SHEET TECHNICAL DATA SHEET 2 Connector 2 Type TNC Male Configuration Straight Mating Cycles 500 Inner Conductor Material and Plating Brass, Gold Coupling Nut Material and Plating Brass, Tri-Metal Body Material and Plating Brass, Tri-Metal Dielectric Type PTFE Compliance Certifications (visit www.Pasternack.com for current document) Plotted and Other Data Notes: Valuesat25°C,sealevel N Male to TNC Male With Times Connectors Cable 36 Inch Length Using LMR-400 Coax from Pasternack Enterprises hassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99% availability and are part of the broadest selection in the industry. Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventoryandcertifications: N Male to TNC Male With Times Connectors Cable 36 Inch Length Using LMR-400 Coax PE3C0109-36 URL:http://www.pasternack.com/n-male-tnc-male-lmr400-cable-assembly-pe3c0109-36-p.aspx PE3C0109-36 REV PE3C0109-36 N Male to TNC Male With Times Connectors Cable 36 Inch Length Using LMR-400 Coax |