Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS17HB-R04170 Fiches technique(PDF) 2 Page - Kemet Corporation

No de pièce SS17HB-R04170
Description  SS Coils, SS17HB Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS17HB-R04170 Fiches technique(HTML) 2 Page - Kemet Corporation

  SS17HB-R04170 Datasheet HTML 1Page - Kemet Corporation SS17HB-R04170 Datasheet HTML 2Page - Kemet Corporation SS17HB-R04170 Datasheet HTML 3Page - Kemet Corporation SS17HB-R04170 Datasheet HTML 4Page - Kemet Corporation SS17HB-R04170 Datasheet HTML 5Page - Kemet Corporation SS17HB-R04170 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0025_SS17HB • 3/28/2017
AC Line Filters – SS Coils, SS17HB Type
Dimensions – Millimeters
16±0.5
ø0.7 ±0.1
20 Maximum
10±0.5
17.85 Maximum
Marking
16
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
RoHS Compliant
Table 1 – Ratings & Part Number Reference
Part Number
Rated
Current AC
(A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Wire
Diameter
(mm)
Marking
Weight (g)
Approximate
SS17HB-03225
0.3
22.5
2.60
48
0.20
03 Lot No.
5.9
SS17HB-04125
0.4
12.5
1.40
53
0.23
04 Lot No.
6.5
SS17HB-05100
0.5
10.0
1.10
55
0.25
05 Lot No.
6.4
SS17HB-06085
0.6
8.5
0.84
45
0.28
06 Lot No.
6.0
SS17HB-07065
0.7
6.5
0.70
50
0.30
07 Lot No.
6.0
SS17HB-08050
0.8
5.0
0.45
58
0.30
08 Lot No.
5.9
SS17HB-10025
1.0
2.5
0.38
50
0.37
10 Lot No.
6.3
SS17HB-11020
1.1
2.0
0.24
65
0.37
11 Lot No.
6.3
SS17HB-13018
1.3
1.5
0.18
55
0.40
13 Lot No.
6.2
SS17HB-17008
1.7
0.8
0.12
55
0.45
17 Lot No.
6.1
SS17HB-R03300
0.3
30.0
2.60
48
0.20
R03 Lot No.
5.9
SS17HB-R04170
0.4
17.0
1.40
53
0.23
R04 Lot No.
6.5
SS17HB-R05140
0.5
14.0
1.10
55
0.25
R05 Lot No.
6.4
SS17HB-R06120
0.6
12.0
0.84
45
0.28
R06 Lot No.
6.0
SS17HB-R07090
0.7
9.0
0.70
50
0.30
R07 Lot No.
6.0
SS17HB-R08070
0.8
7.0
0.45
58
0.30
R08 Lot No.
5.9
SS17HB-R10035
1.0
3.5
0.38
50
0.37
R10 Lot No.
6.3
SS17HB-R11025
1.1
2.5
0.24
65
0.37
R11 Lot No.
6.3
SS17HB-R13020
1.3
2.0
0.18
55
0.40
R13 Lot No.
6.2
SS17HB-R17010
1.7
1.0
0.12
55
0.45
R17 Lot No.
6.1



Html Pages

1 2 3 4 5 6