Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSB11V-R13090 Fiches technique(PDF) 2 Page - Kemet Corporation

No de pièce SSB11V-R13090
Description  SS Coils, SSB11V-R/11H-R Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSB11V-R13090 Fiches technique(HTML) 2 Page - Kemet Corporation

  SSB11V-R13090 Datasheet HTML 1Page - Kemet Corporation SSB11V-R13090 Datasheet HTML 2Page - Kemet Corporation SSB11V-R13090 Datasheet HTML 3Page - Kemet Corporation SSB11V-R13090 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0024_SSB11V-R-11H-R • 3/30/2017
AC Line Filters – SS Coils, SSB11V-R/11H-R Type
Dimensions – Millimeters
SSB11V-R
13
10±0.5
14.5 ±1.0
13±0.5
22±1.0
ø0.8
18±0.5
21±1.0
14±0.5
(1.5)
(5.0)
20.5 ±1.0
18
ø0.8
Marking
Marking
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
RoHS Compliant
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert V for vertical core type or H for horizontal core type.
SSB11H-R
Part Number
Rated Current AC
(A)
Inductance
(mH) Minimum
DC Resistance/Line
(Ω) Maximum
Temperature Rise
(K) Maximum
Weight (g)
Approximate
SSB11(1)-R13090
1.3
9.0
0.38
60
11.0
SSB11(1)-R17043
1.7
4.3
0.18
40
11.0



Html Pages

1 2 3 4