Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP2L24D09S-3W Fiches technique(PDF) 2 Page - Toppower Electronic Technology Limited

No de pièce TP2L24D09S-3W
Description  3W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L24D09S-3W Fiches technique(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2L24D09S-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L24D09S-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L24D09S-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2L-3W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
APPLICATION NOTES
External capacitance
These converters will work without external capacitors, in order to
guarantee the full parametric performance over the full line and load
range we recommended you to use the value we listed at right side. All
parts have been tested and characterized using the following values
and test circuit.
External Capacitor Table
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
3.3
2200
±5
680
5
1000
±9
470
9
680
±12
330
12
470
±15
220
15
330
-
-
24
220
-
-
RECOMMENDED CIRCUIT
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
℃
Storage temperature
-55
125
℃
Temp.Rise at full load
15
℃
Lead temperature
1.5mm from case for 10 seconds
300
℃
No-load power consumption
300
mW
Cooling
Free Air Convection
Short circuit protection
Continuous. automatic recovery
Case material
PIastic (UL94-V0)
MTBF
1000
K hours
Weight
6
g
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
1500、3000
VDC
Isolation Resistance
Test at 500VDC
1
GΩ
Isolation Capacitance
Input/Output,100KHz/1V
80
pF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output power
Refer to product program
0.3
3
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
%
Negative voltage accuracy
Refer to recommended circuit
±3
±5
%
Load regulation
10% to100% load (TP2L-D-3W)
±0.5
±0.75
%
Load regulation
10% to100% load (TP2L-S-3W)
±0.5
±1.0
%
Line regulation
Input Voltage from low to high
±0.2
±0.5
%
Temperature drift ( Vout )
Refer to recommended circuit
±0.03
%/℃
Ripple & Noise
20MHZ Bandwidth
50
100
mVp-p
Switching frequency
100% load ,input voltage range
300
KHZ
Single Output
Dual Output
TOPPOWER



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com