Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2113EUF4 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Fiches technique(HTML) 4 Page - NXP Semiconductors

  PCF2113EUF4 Datasheet HTML 1Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 2Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 3Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 4Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 5Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 6Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 7Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 8Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
2001 Dec 19
4
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF2113AU/10/F4
−
chip on flexible film carrier
−
PCF2113DU/10/F4
−
chip on flexible film carrier
−
PCF2113DU/F4
−
chip in tray
−
PCF2113DH/F4
LQFP100
plastic low profile quad flat package; 100 leads;
body 14
× 14 × 1.4 mm
SOT407-1
PCF2113DU/2/F4
−
chip with bumps in tray
−
PCF2113EU/2/F4
−
chip with bumps in tray
−
PCF2113WU/2/F4
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72