Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD3235VF Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce SLD3235VF
Description  Violet Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD3235VF Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  SLD3235VF Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD3235VF Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD3235VF Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Electrical Connection
Pin Configuration
Bottom View
Outline Dimensions
All dimensions in mm
Precautions
Safety
Caution: Laser light emitted from any laser diode may be harmful to the human eye. Avoid looking directly
into the laser diode’s aperture when the diode is in operation.
Note: The use of optical lenses with this laser diode will increase eye hazard
Pin #
Function
Pin 1
LD anode
Pin 2
LD cathode, PD cathode
Pin 3
PD anode



Html Pages

1 2 3