| Moteur de recherche de fiches techniques de composants électroniques |
|
ATR4255P Fiches technique(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATR4255P Fiches technique(HTML) 21 Page - ATMEL Corporation |
|
21 / 34 page ![]() 21 4883B–AUDR–01/06 ATR4255P 3.26 Data Transfer Table 3-31. Control Registers A24_100 MSB BYTE 3 LSB MSB BYTE 2 LSB MSB BYTE 1 LSB ADDR. AM/FM/ WB Gain FM IF amplifier Search Width of window OSC divider/multipath sensitivity Field strength BWM PX Time window stop signal 10 0 AM FM B93 B92 B91 B90 B89 B88 B87 B86 B85 B84 B83 B82 B81 B80 B79 B78 B77 B76 B75 B74 B73 A24_101 MSB BYTE 3 LSB MSB BYTE 2 LSB MSB BYTE 1 LSB ADDR. WB- Demod- Gain Start soft mute Soft mute Tk-FM IF FM-AGC AM-AGC FM BW 2nd mixer IF2 center frequency MP FS FM ext Dem. Adj. Not used 10 1 x B72 B71 B70 B69 B68 B67 B66 B65 B64 B63 B62 B61 B60 B59 B58 B57 B56 B55 B54 B53 B52 A24_111 MSB BYTE 3 LSB MSB BYTE 2 LSB MSB BYTE 1 LSB ADDR. Used in test mode only Center frequency of bandfilter Bandwidth adj. channel sensor 1 1 1 x x 1 0 0 0 0101 B30 B29 B28 B27 B26 B25 B24 B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 A8_100 MSB BYTE 1 LSB ADDR. Test MPoff Mute Adj. channel sensor 10 0 0 B9 B8 B7 B6 B5 A8_101 MSB BYTE 1 LSB ADDR. Optimize Bandwidth 10 1 B4 B3 B2 B1 B0 |