Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Reflector Fiches technique(PDF) 5 Page - Ledil, Inc.

No de pièce Reflector
Description  Mirella RefPack
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

Reflector Fiches technique(HTML) 5 Page - Ledil, Inc.

  Reflector Datasheet HTML 1Page - Ledil, Inc. Reflector Datasheet HTML 2Page - Ledil, Inc. Reflector Datasheet HTML 3Page - Ledil, Inc. Reflector Datasheet HTML 4Page - Ledil, Inc. Reflector Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5