Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL-BD0331M Fiches technique(PDF) 2 Page - Yellow Stone Corp

No de pièce BL-BD0331M
Description  ULTRA BRIGHT LED LAMPS (ROUND TYPES)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-BD0331M Fiches technique(HTML) 2 Page - Yellow Stone Corp

  BL-BD0331M Datasheet HTML 1Page - Yellow Stone Corp BL-BD0331M Datasheet HTML 2Page - Yellow Stone Corp BL-BD0331M Datasheet HTML 3Page - Yellow Stone Corp BL-BD0331M Datasheet HTML 4Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L-001
BL-Bxx331 Series
L-002
BL-Bxx341 Series
L-003
BL-Bxx331M Series
L-004
BL-Bxx331K Series
L-005
BL-Bxxx3J4 Series
L-006
BL-Bxxx4G-1 Series
L-007
BL-Bxxx7M Series
L-008
BL-Wxx3J4 Series
Notes
1.All Dimensions are in millimeters (inches).
2.Tolerance is A0.25mm (.010 ).
0.81(.032)
MIN.
(.10) NOM.
2.54
FLAT DENOTES CATHODE
3.00(.118)
1.00(.039)
5.30(.209)
25.4(1.00) MIN.
NOM.
0.81(.032)
0.5(.02) SQ.TYP.
MIN.
3.80(.150)
FLAT DENOTES CATHODE
1.5(.059)
2.54(.100)
MAX.
MIN.
NOM.
FLAT DENOTES CATHODE
TYP.
MAX.
MAX.
MIN.
NOM.
5.30(.209)
1.5(.059) MAX.
FLAT DENOTES CATHODE
1.0 (.04)
1.5 (.059)
MAX.
1.0 (.04)
MIN.
2.54 (.10) NOM.
4.75(.187)
3.85(.152)
25.4(1.0) MIN.
0.5(.02) SQ. TYP.
4.50(.177)
5.0(.197)
5.6(.220)
NOM.
MIN.
TYP.
MAX.
X
X
Y
Y
1.5(.059)
0.5(.02) SQ.
2.54(.100)
4.3(.169)
5.1(.200)
25.4(1.00) MIN.
1.0(.039)
7.3(.287)
5.1(.200)
0.5(.02) SQ. TYP.
1.0(.04)
25.4(1.0) MIN.
3.8(.15)
3.00(.118)
3.0(.118)
1.50(.059)
4.00(.157)
0.5(.02) SQ.
3.00(.118)
2.78(.109)
1.00(.039)
5.20(.204)
1.00(.039)
2.54(.100)
25.4(1.00) MIN.
1.00(.039)
0.5(.02) SQ.TYP.
3.16(.124)
1.00(.039)
1.5(.059)
25.4(1.00) MIN.
4.50(.177)
2.54(.100)
3.00(.118)
FLAT DENOTES CATHODE
1.0(.04)
1.5(.059) MAX.
1.0(.04) MIN.
2.54(.10) NOM.
3.20(.126)
5.42(.213)
25.4(1.0) MIN.
0.5(.02) SQ. TYP.
5.0(.197)
5.7(.22)
FLAT DENOTES CATHODE
1.0(.04)
1.5(.059) MAX.
1.0(.01) MIN.
2.54(.10) NOM.
25.4(1.0) MIN.
5.7(.22)
0.5(.02) SQ. TYP.
4.07(.160)
4.55(.179)
5.0(.197)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2 3 4