Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RLT830-100MGS Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce RLT830-100MGS
Description  Infrared Laser Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT830-100MGS Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  RLT830-100MGS Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLT830-100MGS Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.roithner-laser.com
2
Outline Dimensions
All dimensions in mm
Precautions
Safety
Caution: Laser light emitted from any laser diode may be harmful to the human eye. Avoid looking directly
into the laser diode’s aperture when the diode is in operation.
Note: The use of optical lenses with this laser diode will increase eye hazard
ESD caution
Always do handle laser diodes with extreme care to prevent electrostatic discharge, the primary cause of
unexpected diode failure. To prevent ESD related failures, it is strongly advised to always wearing wrist
straps, and grounding all applicable work surfaces, when handling laser diodes
Operating Considerations
It is strongly advised to only operate this laser diode with a current source. The current of a laser diode is an
exponential function of the voltage across it. Usage of current regulated drive circuits is mandatory.
Laser diodes may be damaged by excessive drive currents or switching transients
It is advised, to operate the laser diode at the lowest temperature possible, and to never exceed maximum
specifications as outlined in the datasheet. Device degradation will accelerate with increased temperature.
Proper heat sinking will greatly enhance stability and life time of the laser diode
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice.



Html Pages

1 2