| Moteur de recherche de fiches techniques de composants électroniques |
|
QLN65/3000-3038 Fiches technique(PDF) 1 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
QLN65/3000-3038 Fiches technique(HTML) 1 Page - ebm-papst |
|
|
1 / 1 page ![]() 16 – impeller diameter 65 mm – horizontal or vertical mounting position with motor at the bottom – permissible ambient temperature 0 - 60˚C – insulation class B, class F or H on request ebm-papst · Landshut Tangential blowers QLN 65 *) Corresponding to dimensional drawing; Technical data valid at free air flow and rated voltage; bold print = standard type; subject to alterations Nominal data motor right* QLN65/1200-3015 QLN65/1800-3025 QLN65/2400-3030 QLN65/3000-3038 motor left QLN65/0012-3015 QLN65/0018-3025 QLN65/0024-3030 QLN65/0030-3038 Characteristic curves Dimensions mm VHz m3/h Pa W mA min-1 kg 230 50 83 50 14 135 1300 0,90 230 50 170 80 30 270 1500 1,20 230 50 220 80 38 360 1200 1,45 230 50 250 80 45 415 1200 1,75 ab c d e f 196 49 122 139 94 - 266 59 182 199 154 77 331 65 242 259 212 106 400 73 302 319 272 136 connector 6,3 x 0,8 e ff a d c b 108 64 3x Ø2,4 |
Numéro de pièce similaire - QLN65/3000-3038 |
|
Description similaire - QLN65/3000-3038 |