| Moteur de recherche de fiches techniques de composants électroniques |
|
PE4480 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE4480 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc. |
|
2 / 3 page ![]() 2 Material Specifications Description Material Plating Contact Silver QQ-S-365 Insulation PTFE Body Brass Nickel QQ-N-290 Coupling Nut Brass Nickel QQ-N-290 . Environmental Specifications Temperature Operating Range -65 to +165 deg C Compliance Certifications (see product page for current document) Plotted and Other Data Notes: HN Male Right Angle Connector Clamp/Solder Attachment for RG55, RG58, RG141, RG142, RG223, RG303, RG400, PE- C195, PE-P195, LMR-195 from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: HN Male Right Angle Connector Clamp/Solder Attachment for RG55, RG58, RG141, RG142, RG223, RG303, RG400, PE-C195, PE-P195, LMR-195 PE4480 URL: https://www.pasternack.com/hn-male-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4480-p.aspx PE4480 REV 1.1 RF Connectors Technical Data Sheet PE4480 HN Male Right Angle Connector Clamp/Solder Attachment for RG55, RG58, RG141, RG142, RG223, RG303, RG400, PE-C195, PE-P195, LMR-195 |