| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C5131A-RDTUM Fiches technique(PDF) 53 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTUM Fiches technique(HTML) 53 Page - ATMEL Corporation |
|
53 / 184 page ![]() 53 AT89C5130A/31A-M 4337C–USB–02/05 It is possible to use Timer 2 as a baud rate generator and a clock generator simulta- neously. For this configuration, the baud rates and clock frequencies are not independent since both functions use the values in the RCAP2H and RCAP2L registers. Figure 24. Clock-out Mode C/T2 = 0 : 6 EXF2 TR2 OVERFLOW T2EX TH2 (8-bit) TL2 (8-bit) Timer 2 RCAP2H (8-bit) RCAP2L (8-bit) T2OE T2 F CLK PERIPH T2CON T2CON T2CON T2MOD INTERRUPT QD Toggle EXEN2 |