Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C5130A-RDTIM Fiches technique(PDF) 6 Page - ATMEL Corporation

No de pièce AT89C5130A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTIM Fiches technique(HTML) 6 Page - ATMEL Corporation

Back Button AT89C5130A-RDTIM Datasheet HTML 2Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 3Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C5130A-RDTIM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 184 page
background image
6
AT89C5130A/31A-M
4337C–USB–02/05
Figure 3. AT89C5130A/31A-M 32-pin QFN Pinout
1
2
3
4
5
6
QFN32
7
P3.0/RxD
AVSS
XTAL1
UCAP
P3.5/T1/LED1
XTAL2
RST
P3.7/RD/LED3
VSS
P4.1/SDA
P1.0/T2/KIN0
VDD
8
PLLF
P3.6/WR/LED2
NC
NC
24
23
22
21
20
19
18
17
9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
Note : The metal plate can be connected to Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More