| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C5130A-RDTIM Fiches technique(PDF) 181 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5130A-RDTIM Fiches technique(HTML) 181 Page - ATMEL Corporation |
|
181 / 184 page ![]() 2 Registers ............................................................................................................. 43 In-System Programming (ISP) ........................................................... 44 Flash Programming and Erasure ....................................................................... 44 Boot Process ...................................................................................................... 45 Application-Programming-Interface .................................................................... 46 XROW Bytes ...................................................................................................... 46 Hardware Conditions .......................................................................................... 46 On-chip Expanded RAM (ERAM) ....................................................... 48 Timer 2 ................................................................................................. 51 Auto-reload Mode ............................................................................................... 51 Programmable Clock Output .............................................................................. 52 Programmable Counter Array (PCA) ................................................. 56 PCA Capture Mode ............................................................................................ 63 16-bit Software Timer/Compare Mode ............................................................... 63 High Speed Output Mode ................................................................................... 64 Pulse Width Modulator Mode ............................................................................. 65 PCA Watchdog Timer......................................................................................... 66 Serial I/O Port ...................................................................................... 67 Framing Error Detection ..................................................................................... 67 Automatic Address Recognition ......................................................................... 68 Baud Rate Selection for UART for Mode 1 and 3 .............................................. 70 UART Registers ................................................................................................. 73 Interrupt System ................................................................................. 77 Overview ............................................................................................................ 77 Registers ............................................................................................................ 78 Interrupt Sources and Vector Addresses ............................................................ 85 Keyboard Interface ............................................................................. 86 Introduction......................................................................................................... 86 Description ......................................................................................................... 86 Registers ............................................................................................................ 87 Programmable LED ............................................................................. 90 Serial Peripheral Interface (SPI) ........................................................ 91 Features ............................................................................................................. 91 |