Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APM6928 Fiches technique(PDF) 2 Page - Anpec Electronics Coropration

No de pièce APM6928
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM6928 Fiches technique(HTML) 2 Page - Anpec Electronics Coropration

  APM6928 Datasheet HTML 1Page - Anpec Electronics Coropration APM6928 Datasheet HTML 2Page - Anpec Electronics Coropration APM6928 Datasheet HTML 3Page - Anpec Electronics Coropration APM6928 Datasheet HTML 4Page - Anpec Electronics Coropration APM6928 Datasheet HTML 5Page - Anpec Electronics Coropration APM6928 Datasheet HTML 6Page - Anpec Electronics Coropration APM6928 Datasheet HTML 7Page - Anpec Electronics Coropration APM6928 Datasheet HTML 8Page - Anpec Electronics Coropration APM6928 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jan., 2002
www.anpec.com.tw
2
APM6928
Notes
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%
b : Guaranteed by design, not subject to production testing
Absolute Maximum Ratings Cont. (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
P
D
Maximum Power Dissipation
T
A=25°C
1.0
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
RθjA
Thermal Resistance – Junction to Ambient
125
°C/W
APM6928
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BV
DSS
Drain-Source Breakdown
Voltage
V
GS=0V , IDS=250µA
30
V
V
DS=24V , VGS=0V
1
I
DSS
Zero Gate Voltage Drain
Current
V
DS=24V, VGS=0V, Tj= 55°C
5
µA
V
GS(th)
Gate Threshold Voltage
V
DS=VGS , IDS=250µA
13
V
I
GSS
Gate Leakage Current
V
GS=±20V , VDS=0V
±100
nA
V
GS=10V , IDS=4A
20
30
R
DS(ON)
a
Drain-Source On-state
Resistance
V
GS=4.5V , IDS=3.4A
35
45
m
Ω
V
SD
a
Diode Forward Voltage
I
SD=1.25A , VGS=0V
0.73
1.2
V
Dynamic
b
Q
g
Total Gate Charge
15
20
Q
gs
Gate-Source Charge
5.8
Q
gd
Gate-Drain Charge
V
DS=15V , IDS= 10A
V
GS=5V ,
3.8
nC
t
d(ON)
Turn-on Delay Time
11
18
T
r
Turn-on Rise Time
17
26
t
d(OFF)
Turn-off Delay Time
37
54
T
f
Turn-off Fall Time
V
DD=15V , IDS=2A ,
V
GEN=10V , RG=6Ω
20
30
ns
C
iss
Input Capacitance
1150
C
oss
Output Capacitance
230
C
rss
Reverse Transfer Capacitance
V
GS=0V
V
DS=15V
Frequency=1.0MHz
100
pF
Electrical Characteristics (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com