Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5273BRJ100-R2 Fiches technique(PDF) 20 Page - Analog Devices

No de pièce AD5273BRJ100-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJ100-R2 Fiches technique(HTML) 20 Page - Analog Devices

Back Button AD5273BRJ100-R2 Datasheet HTML 12Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 13Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 14Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 15Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 16Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 17Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 18Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 19Page - Analog Devices AD5273BRJ100-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
–20–
AD5273
OUTLINE DIMENSIONS
8-Lead Plastic Surface-Mount Package [SOT-23]
(RT-8)
Dimensions shown in millimeters
1
3
5
6
2
8
4
7
2.90 BSC
PIN 1
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
10
0
2.80 BSC
COMPLIANT TO JEDEC STANDARDS MO-178BA
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20