Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80CPU02 Fiches technique(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

No de pièce 80CPU02
Description  80Amperes,200Volts Heatsink Common Cathode Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

80CPU02 Fiches technique(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  80CPU02 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. 80CPU02 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80CPU02
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.08C
Electrical performance (typical)
0.1
1.0
10.0
100.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage VF(V)
Forward Characteristic(typ.)
Ta=25
Ta=125
0.0
0.0
0.1
1.0
10.0
1
100
Reverse Voltage VR(V)
Reverse Characteristic(typ.)
Ta=25
Ta=125
℃
℃
℃
℃
Package Information
TO-3PB PACKAGE
Symbol
Dimensions(millimeters)
Min.
Max.
A
4.60
5.00
A1
1.30
1.70
A2
2.20
2.60
b
0.80
1.20
b1
2.90
3.30
b2
1.90
2.30
c
0.40
0.80
e
5.25
5.65
E
15.3
15.7
E1
13.2
13.6
E2
13.1
13.5
E3
9.10
9.50
H
19.7
20.1
H1
19.1
20.1
H2
18.3
18.7
H3
2.80
3.20
G
4.80
5.20
Ф
P
3.00
3.40



Html Pages

1 2