Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH300-3 Fiches technique(PDF) 8 Page - OSRAM GmbH

No de pièce SFH300-3
Description  Photointerrupters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH300-3 Fiches technique(HTML) 8 Page - OSRAM GmbH

  SFH300-3 Datasheet HTML 1Page - OSRAM GmbH SFH300-3 Datasheet HTML 2Page - OSRAM GmbH SFH300-3 Datasheet HTML 3Page - OSRAM GmbH SFH300-3 Datasheet HTML 4Page - OSRAM GmbH SFH300-3 Datasheet HTML 5Page - OSRAM GmbH SFH300-3 Datasheet HTML 6Page - OSRAM GmbH SFH300-3 Datasheet HTML 7Page - OSRAM GmbH SFH300-3 Datasheet HTML 8Page - OSRAM GmbH SFH300-3 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2016-01-04
8
Version 1.3
SFH 300
Glossary
1) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9