Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDMF2011 Fiches technique(PDF) 24 Page - ON Semiconductor

No de pièce FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Fiches technique(HTML) 24 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 20Page - ON Semiconductor FDMF2011 Datasheet HTML 21Page - ON Semiconductor FDMF2011 Datasheet HTML 22Page - ON Semiconductor FDMF2011 Datasheet HTML 23Page - ON Semiconductor FDMF2011 Datasheet HTML 24Page - ON Semiconductor FDMF2011 Datasheet HTML 25Page - ON Semiconductor FDMF2011 Datasheet HTML 26Page - ON Semiconductor FDMF2011 Datasheet HTML 27Page - ON Semiconductor FDMF2011 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
23
Driver Output Stage
The driver IC output stage is designed to drive
a pair of N-channel MOSFETs. The driver
outputs (LO, HO) are non-inverting and will
follow the PWM input commands (LI, HI
respectively). The LO and HO outputs are
capable
of
sinking
and
sourcing
up
to
0.65/0.35A peak current respectively.
The driver output stage is also capable of
providing a rail (VDD) to rail (VSS) output
voltage
level
when
driving
the
Power
MOSFETs. Depending on the end application,
the output voltage level can be set to aide in
optimizing MOSFET and driver IC power
losses. The driver output voltage level can
also be used to help adjust SW node edge
rates.
Timing Diagram
Figure 64. PWM Timing Diagram (LI / HI signals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31