Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9243AS Fiches technique(PDF) 25 Page - Analog Devices

No de pièce AD9243AS
Description  Complete 14-Bit, 3.0 MSPS Complete 14-Bit, 3.0 MSPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9243AS Fiches technique(HTML) 25 Page - Analog Devices

Back Button AD9243AS Datasheet HTML 17Page - Analog Devices AD9243AS Datasheet HTML 18Page - Analog Devices AD9243AS Datasheet HTML 19Page - Analog Devices AD9243AS Datasheet HTML 20Page - Analog Devices AD9243AS Datasheet HTML 21Page - Analog Devices AD9243AS Datasheet HTML 22Page - Analog Devices AD9243AS Datasheet HTML 23Page - Analog Devices AD9243AS Datasheet HTML 24Page - Analog Devices AD9243AS Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
AD9243
REV. A
–24–
OUTLINE DIMENSIONS
Dimensions shown in mm and (inches).
44-Lead Metric Quad Flatpack (MQFP)
(S-44)
TOP VIEW
(PINS DOWN)
12
44
1
11
22
23
34
33
PIN 1
IDENTIFIER
0.45 (0.018)
0.3 (0.012)
13.45 (0.530)
12.95 (0.510)
8.45 (0.333)
8.3 (0.327)
10.1 (0.398)
9.90 (0.390)
0.8 (0.031)
BSC
2.1 (0.083)
1.95 (0.077)
0.23 (0.009)
0.13 (0.005)
0.25 (0.01)
MIN
SEATING
PLANE
0
MIN
2.45 (0.096)
MAX
1.03 (0.041)
0.73 (0.029)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25