| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7712 Fiches technique(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7712 Fiches technique(HTML) 29 Page - Analog Devices |
|
29 / 29 page ![]() REV. F –28– AD7712 Revision History Location Page 3/04—Data Sheet changed from REV. E to REV. F. Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Updated ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Deleted AD7712 to ADSP-2105 Interface section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Changes to AD7712 to 68HC11 Interface section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 OUTLINE DIMENSIONS 24-Lead Ceramic Dual In-Line Package [CERDIP] (Q-24) Dimensions shown in inches and (millimeters) 24 112 13 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX 15 0 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) SEATING PLANE 0.200 (5.08) MAX 1.280 (32.51) MAX 0.150 (3.81) MIN 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.100 (2.54) BSC 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN 24-Lead Plastic Dual In-Line Package [PDIP] (N-24) Dimensions shown in inches and (millimeters) 24 1 12 13 1.185 (30.01) 1.165 (29.59) 1.145 (29.08) 0.295 (7.49) 0.285 (7.24) 0.275 (6.99) 0.150 (3.81) 0.135 (3.43) 0.120 (3.05) 0.015 (0.38) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) SEATING PLANE 0.015 (0.38) MIN 0.180 (4.57) MAX 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) 0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.100 (2.54) BSC 0.060 (1.52) 0.050 (1.27) 0.045 (1.14) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MO-095AG |