Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C13687 Fiches technique(PDF) 2 Page - Ledil, Inc.

No de pièce C13687
Description  Strada Lens
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13687 Fiches technique(HTML) 2 Page - Ledil, Inc.

  C13687 Datasheet HTML 1Page - Ledil, Inc. C13687 Datasheet HTML 2Page - Ledil, Inc. C13687 Datasheet HTML 3Page - Ledil, Inc. C13687 Datasheet HTML 4Page - Ledil, Inc. C13687 Datasheet HTML 5Page - Ledil, Inc. C13687 Datasheet HTML 6Page - Ledil, Inc. C13687 Datasheet HTML 7Page - Ledil, Inc. C13687 Datasheet HTML 8Page - Ledil, Inc. C13687 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
WEIGHT
SHEET
1/1
SIZE
A4
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
-
-
STRADA-SQ-T3 Datasheet
7:4
Front view
8. 3
B
Bottom view
21.5 2
c/ c
2
12. 5
3.
2
Top view
2 5
Beam direction
Isometric view
Detail B
0.1 5
3 0
c/ c
Minimum spacing
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com