Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C13253 Fiches technique(PDF) 1 Page - Ledil, Inc.

No de pièce C13253
Description  Tina Reflector
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13253 Fiches technique(HTML) 1 Page - Ledil, Inc.

  C13253 Datasheet HTML 1Page - Ledil, Inc. C13253 Datasheet HTML 2Page - Ledil, Inc. C13253 Datasheet HTML 3Page - Ledil, Inc. C13253 Datasheet HTML 4Page - Ledil, Inc. C13253 Datasheet HTML 5Page - Ledil, Inc. C13253 Datasheet HTML 6Page - Ledil, Inc. C13253 Datasheet HTML 7Page - Ledil, Inc. C13253 Datasheet HTML 8Page - Ledil, Inc. C13253 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
PRODUCT DATASHEET
Tina series
last update 3/8/2017
DETAILS
Product Number
C13253_TINA2-R-CLIP16
Family
Tina
Type
Reflector
Color
clear
Diameter
16,1 mm
Height
10,1 mm
Style
round
Optic Material
HRPC
Holder Material
Fastening
clips
Status
production ready
ROHS Compliant
Yes
Date Updated
3/08/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
77 deg
Very Wide
90 %
0.506
-
XT-E
71 deg
Very Wide
87 %
0.585
-
XP-E
74 deg
Very Wide
90 %
0.544
-
XB-D
73 deg
Very Wide
90 %
0.575
-
XM-L
78 deg
Very Wide
88 %
0.480
-
XP-G2
75 deg
Very Wide
89 %
0.530
-
XP-E2
74 deg
Very Wide
90 %
0.560
-
XM-L2
78 deg
Very Wide
90 %
0.480
-
XB-H
81 deg
Very Wide
92 %
0.460
-
LUXEON Rebel ES
74 deg
Very Wide
89 %
0.550
-
LUXEON A
75 deg
Very Wide
91 %
0.540
-
LUXEON R
75 deg
Very Wide
89 %
0.550
-
LUXEON Rebel
72 deg
Very Wide
90 %
0.607
-
LUXEON T
75 deg
Very Wide
89 %
0.535
-
LUXEON TX
81 deg
Very Wide
90 %
0.500
-
NVSxx19A
74 deg
Very Wide
90 %
0.556
-
NCSxx19A
72 deg
Very Wide
90 %
0.600
-
NF2x757A
72 deg
Very Wide
92 %
0.595
-
NVSxx19B/NVSxx19C
74 deg
Very Wide
89 %
0.534
-
Oslon SSL 80
71 deg
Very Wide
91 %
0.725
-
Oslon SSL 150
75 deg
Very Wide
88 %
0.520
-
Oslon Square EC
75 deg
Very Wide
91 %
0.545
-
Duris S5 (2 chip)
76 deg
Very Wide
91 %
0.500
-
Oslon Black
sim: 71
Very Wide
sim: 80 % sim: 0.600 Undefined Manufacturer: Protective Plate, Glass
Oslon Square Gen3
sim: 65
Very Wide
sim: 94 % sim: 0.677 -
January 31st 2018 2:02 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Numéro de pièce similaire - C13253

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C13253 CREE-C13253 Datasheet
2Mb / 56P
Tina series
logo
Ledil, Inc.
C13253 LEDIL-C13253 Datasheet
5Mb / 11P
Mini reflector with ~60째 wide beam
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
Mini reflector with ~60째 wide beam
logo
Intelligent LED Solutio...
C13253_TINA2-R-CLIP16 ILS-C13253_TINA2-R-CLIP16 Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
C13253_TINA2-R-CLIP16 ILS-C13253_TINA2-R-CLIP16 Datasheet
1Mb / 8P
1 OSLON® Square Uniform White PowerStars CRI90
Version V1
More results

Description similaire - C13253

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
Tina series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
Tina series
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
Tina series
FA11208 CREE-FA11208 Datasheet
645Kb / 15P
Tina series
CA13044 CREE-CA13044 Datasheet
595Kb / 9P
Tina series
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
Tina series
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
Tina series
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
Tina series
logo
Ledil, Inc.
CA11848 LEDIL-CA11848 Datasheet
143Kb / 3P
Tina Assembly
CA12346 LEDIL-CA12346 Datasheet
158Kb / 4P
Tina Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com