| Moteur de recherche de fiches techniques de composants électroniques |
|
AT86RF232-ZXR Fiches technique(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT86RF232-ZXR Fiches technique(HTML) 21 Page - ATMEL Corporation |
|
21 / 175 page ![]() 21 8321A–MCU Wireless–10/11 AT86RF232 6.3 Radio Transceiver Status information Each Atmel AT86RF232 SPI access can be configured to return status information of the radio transceiver (PHY_STATUS) to the microcontroller using the first byte of the data transferred via MISO. The content of the radio transceiver status information can be configured using register bits SPI_CMD_MODE (register 0x04, TRX_CTRL_1). After reset, the content on the first byte send on MISO to the microcontroller is set to zero. 6.3.1 Register Description Register 0x04 (TRX_CTRL_1): The TRX_CTRL_1 register is a multi-purpose register to control various operating modes and settings of the radio transceiver. Figure 6-15. Register TRX_CTRL_1. Bit 7 6 5 4 0x04 reserved IRQ_2_EXT_EN TX_AUTO_CRC_ ON RX_BL_CTRL TRX_CTRL_1 Read/Write R/W R/W R/W R/W Reset value 0 0 1 0 Bit 3 2 1 0 0x04 SPI_CMD_MODE IRQ_MASK_MODE IRQ_POLARITY TRX_CTRL_1 Read/Write R/W R/W R/W R/W Reset value 0 0 1 0 Bit 3:2 - SPI_CMD_MODE Each SPI transfer returns bytes back to the SPI master. The content of the first byte (PHY_STATUS) can be configured using register bits SPI_CMD_MODE. Table 6-4. SPI_CMD_MODE. Register Bits Value Description SPI_CMD_MODE 0 Default (empty, all bits zero) 1 Monitor TRX_STATUS register 2 Monitor PHY_RSSI register 3 Monitor IRQ_STATUS register Note: 1. More information to register TRX_STATUS, see Section 7.1.5, to register PHY_RSSI, see Section 8.3, and to register IRQ_STATUS, see Section 6.6. |