| Moteur de recherche de fiches techniques de composants électroniques |
|
HTLP912UTG.GR Fiches technique(PDF) 3 Page - Inolux Corporation |
|
|
|||||||||||||||||||||||||||||
HTLP912UTG.GR Fiches technique(HTML) 3 Page - Inolux Corporation |
|
3 / 12 page ![]() HTLP912XXX Series Axial Through Hole Lamp Official Product HTLP912XXX series Customer Part No. Data Sheet No. **************** **************** HTLP912XXX series Specifications are subject to change without notice. Data and drawings herein are copyrighted. June 27, 2013 Version of 1.0 Page 3/12 Orderable Information H T L P 9 1 2 X X X . X X - Y Y Y Y Series Name Color Code Lead Band Customer Code HTLP912= Inolux 1.8mm Round Axial Lamp UR = 624nm AllnGaP Red UYG = 5573nm AllnGaP Yellow Green UTG = 525nm InGaN True Green UY = 590nm AllnGaP Yellow USR = 640nm AlGaAs Super Red UB = 470nm InGaN Blue TW = InGaN White GR = Gullwing YR = Yoke Lead ZR = Z-Bend Blank = no lead bend YYYY = Customer code |