Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT-110UD Fiches technique(PDF) 21 Page - Inolux Corporation

No de pièce HT-110UD
Description  Harvatek Surface Mount LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INOLUX [Inolux Corporation]
Site Internet  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-110UD Fiches technique(HTML) 21 Page - Inolux Corporation

Back Button HT-110UD Datasheet HTML 16Page - Inolux Corporation HT-110UD Datasheet HTML 17Page - Inolux Corporation HT-110UD Datasheet HTML 18Page - Inolux Corporation HT-110UD Datasheet HTML 19Page - Inolux Corporation HT-110UD Datasheet HTML 20Page - Inolux Corporation HT-110UD Datasheet HTML 21Page - Inolux Corporation HT-110UD Datasheet HTML 22Page - Inolux Corporation HT-110UD Datasheet HTML 23Page - Inolux Corporation HT-110UD Datasheet HTML 24Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Side-emitting (1306)
HT-110 Series
Official Product
Product: HT-110 Series
Data Sheet No.
Tentative Product
****************
HT-110 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
21/24
Reflow Soldering
• Recommended tin glue specifications: melting temperature in the range of 178~192
OC
• The recommended reflow soldering profile is as follows (temperatures indicated are as
measured on the surface of the LED resin):
Lead Solder Profile
Lead-free Solder Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24