Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT-110 Fiches technique(PDF) 13 Page - Inolux Corporation

No de pièce HT-110
Description  Harvatek Surface Mount LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INOLUX [Inolux Corporation]
Site Internet  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-110 Fiches technique(HTML) 13 Page - Inolux Corporation

Back Button HT-110 Datasheet HTML 9Page - Inolux Corporation HT-110 Datasheet HTML 10Page - Inolux Corporation HT-110 Datasheet HTML 11Page - Inolux Corporation HT-110 Datasheet HTML 12Page - Inolux Corporation HT-110 Datasheet HTML 13Page - Inolux Corporation HT-110 Datasheet HTML 14Page - Inolux Corporation HT-110 Datasheet HTML 15Page - Inolux Corporation HT-110 Datasheet HTML 16Page - Inolux Corporation HT-110 Datasheet HTML 17Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Side-emitting (1306)
HT-110 Series
Official Product
Product: HT-110 Series
Data Sheet No.
Tentative Product
****************
HT-110 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
13/24
Package Outline Dimension
Recommended Soldering Pattern for Reflow Soldering
Unit: mm Tolerance: +/-0.1
Outline Dimension
Solder Pattern
Soldering terminals may shift in the x, y direction.
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24