Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT-12HTW5 Fiches technique(PDF) 18 Page - Inolux Corporation

No de pièce HT-12HTW5
Description  Harvatek Surface Mount LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INOLUX [Inolux Corporation]
Site Internet  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-12HTW5 Fiches technique(HTML) 18 Page - Inolux Corporation

Back Button HT-12HTW5 Datasheet HTML 13Page - Inolux Corporation HT-12HTW5 Datasheet HTML 14Page - Inolux Corporation HT-12HTW5 Datasheet HTML 15Page - Inolux Corporation HT-12HTW5 Datasheet HTML 16Page - Inolux Corporation HT-12HTW5 Datasheet HTML 17Page - Inolux Corporation HT-12HTW5 Datasheet HTML 18Page - Inolux Corporation HT-12HTW5 Datasheet HTML 19Page - Inolux Corporation HT-12HTW5 Datasheet HTML 20Page - Inolux Corporation HT-12HTW5 Datasheet HTML 21Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
InGaN Chip Led
HT-12H Series
Official Product
Product: HT-12H Series
Data Sheet No.
Tentative Product
****************
HT-12H Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
18/21
Reflow Soldering
• Recommended tin glue specifications: melting temperature in the range of 178~192
OC
• The recommended reflow soldering profile is as follows (temperatures indicated are as
measured on the surface of the LED resin):
Lead Solder Profile
Lead-free Solder Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21