Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT-12H Fiches technique(PDF) 16 Page - Inolux Corporation

No de pièce HT-12H
Description  Harvatek Surface Mount LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INOLUX [Inolux Corporation]
Site Internet  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-12H Fiches technique(HTML) 16 Page - Inolux Corporation

Back Button HT-12H Datasheet HTML 12Page - Inolux Corporation HT-12H Datasheet HTML 13Page - Inolux Corporation HT-12H Datasheet HTML 14Page - Inolux Corporation HT-12H Datasheet HTML 15Page - Inolux Corporation HT-12H Datasheet HTML 16Page - Inolux Corporation HT-12H Datasheet HTML 17Page - Inolux Corporation HT-12H Datasheet HTML 18Page - Inolux Corporation HT-12H Datasheet HTML 19Page - Inolux Corporation HT-12H Datasheet HTML 20Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
InGaN Chip Led
HT-12H Series
Official Product
Product: HT-12H Series
Data Sheet No.
Tentative Product
****************
HT-12H Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
16/21
Packing
5 boxes per carton is available depending on shipment quantity.
Specification
Material
Quantity
Carrier tape
Per EIA 481-1A specs
Conductive black tape
4000pcs per reel
Reel
Per EIA 481-1A specs
Conductive black
Label
HT standard
Paper
Packing bag
220x240mm
Aluminum laminated bag/ no-zipper
One reel per bag
Carton
HT standard
Paper
Non-specified
Others:
Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same
bin combinations of Iv,
λD and Vf. Each reel has a label identifying its specification; the immediate box consists
of a product label as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21