Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS950410 Fiches technique(PDF) 4 Page - Integrated Circuit Systems

No de pièce ICS950410
Description  AMD - K System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950410 Fiches technique(HTML) 4 Page - Integrated Circuit Systems

  ICS950410 Datasheet HTML 1Page - Integrated Circuit Systems ICS950410 Datasheet HTML 2Page - Integrated Circuit Systems ICS950410 Datasheet HTML 3Page - Integrated Circuit Systems ICS950410 Datasheet HTML 4Page - Integrated Circuit Systems ICS950410 Datasheet HTML 5Page - Integrated Circuit Systems ICS950410 Datasheet HTML 6Page - Integrated Circuit Systems ICS950410 Datasheet HTML 7Page - Integrated Circuit Systems ICS950410 Datasheet HTML 8Page - Integrated Circuit Systems ICS950410 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
ICS950410
Advance Information
0888—04/06/04
Table1: Frequency Selection Table
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
HTT
PCI
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
0000
0
100.90
67.27
33.63
0000
1
133.90
66.95
33.48
0001
0
168.00
67.20
33.60
0001
1
202.00
67.33
33.67
0010
0
100.20
66.80
33.40
0010
1
133.50
66.75
33.38
0011
0
166.70
66.68
33.34
0011
1
200.40
66.80
33.40
0100
0
150.00
60.00
30.00
0100
1
180.00
60.00
30.00
0101
0
210.00
70.00
35.00
0101
1
240.00
60.00
30.00
0110
0
270.00
67.50
33.75
0110
1
233.33
66.67
33.33
0111
0
266.67
66.67
33.33
0111
1
300.00
75.00
37.50
1000
0
100.00
66.67
33.33
1000
1
133.33
66.67
33.33
1001
0
166.66
66.66
33.33
1001
1
200.00
66.67
33.33
1010
0
103.00
68.67
34.33
1010
1
137.33
68.66
34.33
1011
0
171.66
68.66
34.33
1011
1
206.00
68.67
34.33
1100
0
154.49
61.79
30.90
1100
1
185.38
61.79
30.90
1101
0
216.31
72.10
36.05
1101
1
247.20
61.80
30.90
1110
0
278.10
69.53
34.76
1110
1
240.34
68.67
34.33
1111
0
274.68
68.67
34.34
1111
1
308.97
77.24
38.62
Mode Functionality Tables
ModeA
ModeB
Pin7
Pin8
Pin11
0
0
HTTCLK1
HTTCLK2
PCICLK11
0
1
HTTCLK1
HTTCLK2
HTTCLK3
1
0
PCICLK8
PCICLK9
PCICLK11
1
1
HTTCLK1
PCICLK9
PCICLK11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15