| Moteur de recherche de fiches techniques de composants électroniques |
|
DIP Fiches technique(PDF) 1 Page - Meder Electronic |
|
|
|||||||||||||||||||||||||||||
DIP Fiches technique(HTML) 1 Page - Meder Electronic |
|
1 / 5 page ![]() 267 • Low profile package • Standard pin configurations • IC-pin compatible • 4.25 kVDC breakdown voltage for pin out 13 • UL approval DESCRIPTION DIMENSIONS MEDER electronic DIP Series Molded DIP Reed Relays The DIP series is a very compact design having a low profile package and a high profile package. This series is compatible with all DIP relays. CHARACTERISTICS All dimensions in mm [inches] FEATURES • High resistance option available • SMD version available • Diode option available • Mercury wetted switch option available www.meder.com Germany # ++49-(0)7733-94870, USA # 800-870-5385 |
Numéro de pièce similaire - DIP |
|
Description similaire - DIP |