| Moteur de recherche de fiches techniques de composants électroniques |
|
CT-38SX6C-R Fiches technique(PDF) 2 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CT-38SX6C-R Fiches technique(HTML) 2 Page - Teledyne Technologies Incorporated |
|
2 / 14 page ![]() CCT-38S/CT-38S Page 2 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCT-38S\CT-38S\082013\Q3 Series CCT-38S/CT-38S Multi-Throw DC–18 GHz/DC-22 GHz Normally Open Coaxial Switch COAX SWITCHES SCHEMATICS AND MECHANICAL OUTLINE “-S OPTION” 9-PIN D-SUB OR 15-PIN D-MICRO CONNECTOR (EXAMPLE: CCT-38S160-S) Analog TTL Indicators SP3T SP4T SP5T SP6T H = 1.85 STD, Indicator & D-Sub Models H = 2.50 All OTHER Models 14X SOLDER TERMINALS SOLDER WIRE MAXIMUM TEMP 250ºC FOR NO MORE THAN 5 SEC |