| Moteur de recherche de fiches techniques de composants électroniques |
|
STM6823 Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6823 Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 21 page ![]() 15/21 STM6321/6322/6821/6822/6823/6824/6825 DC AND AC PARAMETERS This section summarizes the operating measure- ment conditions, and the DC and AC characteris- tics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 5., Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 5. Operating and AC Measurement Conditions Figure 21. AC Testing Input/Output Waveforms Figure 22. MR Timing Waveform Note: 1. RST for STM6322/6821/6825. Figure 23. Watchdog Timing Parameter STM6xxx Unit VCC Supply Voltage 1.0 to 5.5 V Ambient Operating Temperature (TA) –40 to 85 °C Input Rise and Fall Times ≤ 5ns Input Pulse Voltages 0.2 to 0.8VCC V Input and Output Timing Ref. Voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC AI07837a RST (1) MR tMLRL trec tMLMH AI09136 RST WDI VCC trec tWD |