Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE4323 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE4323
Description  LC Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4323 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4323 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4323 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4323 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Silver
ASTM-B700
Body
Phosphor Bronze
Nickel
ASTM-B689
Coupling Nut
Brass
Nickel
ASTM-B689
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
LC Male Connector Clamp/Solder Attachment for RG218, RG219, RG17 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: LC Male Connector Clamp/Solder Attachment for RG218, RG219, RG17 PE4323
URL: https://www.pasternack.com/lc-male-standard-rg218-rg219-connector-pe4323-p.aspx
PE4323 REV 1.1
RF Connectors Technical Data Sheet
PE4323
LC Male Connector Clamp/Solder Attachment
for RG218, RG219, RG17



Html Pages

1 2 3