Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3232-N Fiches technique (PDF) - KR Electronics, Inc.

No de pièce 3232-N
Description  125 MHz min 1 dB Bandwidth
Taille du fichier   57.83 Kbytes
Html View  1   2   3 
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3232-N Fiches technique (PDF) - KR Electronics, Inc.



Numéro de pièce similaire - 3232-N

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
3232 POMONA-3232 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female Tee
logo
List of Unclassifed Man...
3232 ETC2-3232 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3232 HEYCO-3232 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Christian Bürkert GmbH ...
3232 BURKERT-3232 Datasheet
1Mb / 28P
2/2-way diaphragm valve with manually operated actuator
04.11.2021
logo
Adafruit Industries
3232 ADAFRUIT-3232 Datasheet
192Kb / 2P
Adafruit LoRa Radio FeatherWing - RFM95W 433 MHz
More results


Description similaire - 3232-N

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0070BA03047S ICST-SF0070BA03047S Datasheet
225Kb / 2P
70 MHz Filter 1 MHz Bandwidth
Rev X3
logo
API Technologies Corp
SF0070BA03047S APITECH-SF0070BA03047S Datasheet
226Kb / 2P
70 MHz Filter 1 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0868BA03209S SPECTRUM-SF0868BA03209S Datasheet
1Mb / 3P
868 MHz SAW Filter, 600 kHz 1 dB Bandwidth
SF0983BA032880S SPECTRUM-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
API Technologies Corp
SF0868BA03209S APITECH-SF0868BA03209S Datasheet
1Mb / 3P
868 MHz SAW Filter, 600 kHz 1 dB Bandwidth
SF0983BA032880S APITECH-SF0983BA032880S Datasheet
1Mb / 3P
983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
logo
KR Electronics, Inc.
2159-35-50 KR-2159-35-50 Datasheet
53Kb / 3P
3.5 MHz min 3 dB Bandwidth
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801_15 Datasheet
365Kb / 6P
10 MHz full power bandwidth min.
logo
Pasternack Enterprises,...
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
Gain 36 dB min
logo
KR Electronics, Inc.
2159-3.5-50 KR-2159-3.5-50 Datasheet
53Kb / 3P
3.5 MHz min 3 dB Bandwidth
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com