Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRU-11928 Fiches technique (PDF) - Winchester Electronics Corporation

No de pièce TRU-11928
Description  CONNECTOR, COAXIAL 1-5/8 EIA(f) to SQS(f) ADAPTER
Taille du fichier   87.17 Kbytes
Html View  1 
Fabricant  WINCHESTER [Winchester Electronics Corporation]
Site Internet  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

TRU-11928 Fiches technique (PDF) - Winchester Electronics Corporation



Numéro de pièce similaire - TRU-11928

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
2.92mm(f) to 2.92mm(f) R/A ADAPTER
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
2.92mm(f) to 2.92mm(m) R/A ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
More results


Description similaire - TRU-11928

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
TRU-11443 WINCHESTER-TRU-11443 Datasheet
42Kb / 1P
CONNECTOR, COAXIAL, RF 13-30(f) to 1-5/8 EIA(f) ADAPTER
TRU-11445 WINCHESTER-TRU-11445 Datasheet
35Kb / 1P
CONNECTOR, COAXIAL, RF 1-5/8 EIA (f-f) R/A, ADAPTER WITH SWIVEL FLANGE
TRU-12363 WINCHESTER-TRU-12363 Datasheet
91Kb / 1P
CONNECTOR, COAXIAL 1-5/8 EIA(f) to SQS(m) ADAPTER
TRU-12390 WINCHESTER-TRU-12390 Datasheet
86Kb / 1P
CONNECTOR, COAXIAL 1-5/8 EIA to LC(f) adapter
TRU-12453 WINCHESTER-TRU-12453 Datasheet
84Kb / 1P
CONNECTOR, COAXIAL 1-5/8 EIA(f) to QRM(f) ADAPTER
TRU-12494 WINCHESTER-TRU-12494 Datasheet
96Kb / 1P
CONNECTOR, COAXIAL 1-5/8 EIA(m) to MEIA-1625(f) ADAPTER
TRU-12689 WINCHESTER-TRU-12689 Datasheet
87Kb / 1P
CONNECTOR, COAXIAL 1-5/8 EIA(f) to QDS(f) ADAPTER
TRU-12800 WINCHESTER-TRU-12800 Datasheet
102Kb / 1P
CONNECTOR, COAXIAL, RF 1-5/8EIA(f) to 1-5/8EIA(f) BLKD ADAPTER
TRU-12812 WINCHESTER-TRU-12812 Datasheet
93Kb / 1P
CONNECTOR, COAXIAL 1-5/8 EIA(m) to SQS(f) ADAPTER
TRU-12848 WINCHESTER-TRU-12848 Datasheet
82Kb / 1P
CONNECTOR, COAXIAL 1-5/8 EIA(m) to 7-16(f) ADAPTER
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com