Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2933-SMA Fiches technique (PDF) - KR Electronics, Inc.

No de pièce 2933-SMA
Description  30 MHz End of Passband < 3 dB
Taille du fichier   75.21 Kbytes
Html View  1   2   3 
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2933-SMA Fiches technique (PDF) - KR Electronics, Inc.



Numéro de pièce similaire - 2933-SMA

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
logo
Christian Bürkert GmbH ...
2933 BURKERT-2933 Datasheet
918Kb / 20P
2/2-way diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
763Kb / 14P
T-diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
785Kb / 12P
Tank bottom diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
953Kb / 20P
2/2-way diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
More results


Description similaire - 2933-SMA

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2843 KR-2843 Datasheet
48Kb / 2P
30 MHz bandpass filter. The filter has a minimum 3 dB bandwidth of 3.2 MHz
logo
EPCOS
B3913 EPCOS-B3913 Datasheet
86Kb / 8P
Usable passband 56 MHz
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
Usable passband 25.0 MHz
logo
Pasternack Enterprises,...
PE8723 PASTERNACK-PE8723 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 30 MHz With a 30 MHz Passband
logo
KR Electronics, Inc.
2927 KR-2927 Datasheet
52Kb / 3P
440 MHz End of Passband < 3 dB
2515-S KR-2515-S Datasheet
36Kb / 2P
50 MHz Passband
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
2937 KR-2937 Datasheet
72Kb / 3P
20 MHz End of Passband 3 dB
logo
Pasternack Enterprises,...
PE15A3501 PASTERNACK-PE15A3501 Datasheet
460Kb / 5P
Gain of 30 dB typ
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com