| Fabricant | No de pièce | Fiches technique | Description |
 Analog Devices |
AD8310
|
606Kb / 24P |
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D |
|
AD8310
|
530Kb / 24P |
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E |
 EPCOS |
B3913
|
86Kb / 8P |
Usable passband 56 MHz
|
|
B4314
|
85Kb / 8P |
Usable passband 25.0 MHz
|
 Pasternack Enterprises,... |
PE51007
|
44Kb / 1P |
Wideband Mobile Antenna, 440 - 480 MHz, 4.5 dB
|
 KR Electronics, Inc. |
2159-35-50
|
53Kb / 3P |
3.5 MHz min 3 dB Bandwidth
|
|
2515-S
|
36Kb / 2P |
50 MHz Passband
|
|
2933
|
61Kb / 3P |
30 MHz End of Passband < 3 dB
|
|
2933-SMA
|
75Kb / 3P |
30 MHz End of Passband < 3 dB
|
|
2937
|
72Kb / 3P |
20 MHz End of Passband 3 dB
|