Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSP-3MB96U12G Fiches technique (PDF) - LUMEX INC.

No de pièce SSP-3MB96U12G
Description  THREE LAMP POLYLED WITH BA9S BASE, 625mm SUPER RED CHIPS
Taille du fichier   54.46 Kbytes
Html View  1 
Fabricant  LUMEX [LUMEX INC.]
Site Internet  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSP-3MB96U12G Fiches technique (PDF) - LUMEX INC.



Numéro de pièce similaire - SSP-3MB96U12G

FabricantNo de pièceFiches techniqueDescription
logo
LUMEX INC.
SSP-3MB92UP12G LUMEX-SSP-3MB92UP12G Datasheet
45Kb / 1P
THREE LAMP POLYED WITH BA9S BASE
SSP-3MB93S12G LUMEX-SSP-3MB93S12G Datasheet
44Kb / 1P
THREE LAMP POLYLED WITH BA9S BASE, 590mm SUPER YELLOW CHIPS
More results


Description similaire - SSP-3MB96U12G

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SSP-24MB156U12G ETC1-SSP-24MB156U12G Datasheet
65Kb / 1P
1.28 CIRCULAR, 24 LAMP POLYLED. 626nm SUPER RED CHIPS, WATER CLEAR LENS. BA15 BASE, SINGLE CONTACT AUTO BAYONET.
SSP-24MDB153S12G ETC1-SSP-24MDB153S12G Datasheet
51Kb / 1P
1.28 CIRCULAR, 24 LAMP POLYLED, 590nm SUPER YELLOW CHIPS, WATER CLEAR LENS, BA15 BASE, DOUBLE CONTACT AUTO BAYONET.
logo
LUMEX INC.
SSP-3MB93S12G LUMEX-SSP-3MB93S12G Datasheet
44Kb / 1P
THREE LAMP POLYLED WITH BA9S BASE, 590mm SUPER YELLOW CHIPS
SSP-4SE103S12G LUMEX-SSP-4SE103S12G Datasheet
56Kb / 1P
4 LAMP POLYLED WITH E10 BASE, 590mm SUPER YELLOW LEDS
SSP-4SE106U12G LUMEX-SSP-4SE106U12G Datasheet
56Kb / 1P
4 LAMP POLYLED WITH E10 BASE, 626mm AllnGaP RED LEDS
SSP-24MB153S12G LUMEX-SSP-24MB153S12G Datasheet
49Kb / 1P
1.28 CIRCULAR, 24 LAMP POLYLED, 590mm SUPER YELLOW CHIPS,WATER CLEAR LENS
SSP-24MDB153S12G LUMEX-SSP-24MDB153S12G Datasheet
53Kb / 1P
1.28 CIRCULAR, 24 LAMP POLYLED, 590mm AllnGaP YELLOW CHIPS
SSP-3MB92UP12G LUMEX-SSP-3MB92UP12G Datasheet
45Kb / 1P
THREE LAMP POLYED WITH BA9S BASE
logo
Schneider Electric
DL1CJUS0244 SCHNEIDER-DL1CJUS0244 Datasheet
161Kb / 2P
LED bulb with BA9s base - red - 24 V AC/DC
Nov 22, 2021
DL1CJUS1204 SCHNEIDER-DL1CJUS1204 Datasheet
139Kb / 2P
LED bulb with BA9s base - red - 120 V AC/DC
Nov 22, 2021
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com