Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MUR460-E Fiches technique (PDF) - Gulf Semiconductor

No de pièce MUR460-E
Description  GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT: 4.0A
Taille du fichier   135.95 Kbytes
Html View  1   2 
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

MUR460-E Fiches technique (PDF) - Gulf Semiconductor



Numéro de pièce similaire - MUR460-E

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MUR460-E3 VISHAY-MUR460-E3 Datasheet
78Kb / 4P
Ultrafast Plastic Rectifier
19-Feb-16
MUR460-E3/54 VISHAY-MUR460-E3/54 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR460-E3/73 VISHAY-MUR460-E3/73 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR460-E54 VISHAY-MUR460-E54 Datasheet
78Kb / 4P
Ultrafast Plastic Rectifier
19-Feb-16
MUR460-E73 VISHAY-MUR460-E73 Datasheet
78Kb / 4P
Ultrafast Plastic Rectifier
19-Feb-16
More results


Description similaire - MUR460-E

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
EU02D GULFSEMI-EU02D Datasheet
75Kb / 2P
Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:200 TO 600V CURRENT: 1.0A
FMG-04J GULFSEMI-FMG-04J Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 4.0A
MUR240 GULFSEMI-MUR240 Datasheet
74Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:2.0A
MUR260S GULFSEMI-MUR260S Datasheet
95Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:2.0A
MUR280 GULFSEMI-MUR280 Datasheet
88Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:2.0A
MUR280S GULFSEMI-MUR280S Datasheet
99Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:2.0A
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR4100 GULFSEMI-MUR4100 Datasheet
142Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 1000V CURRENT:4.0A
logo
Leshan Radio Company
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF41G LRC-SF41G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com