Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6.3X32PIGTAIL Fiches technique (PDF) - Schurter Inc.

No de pièce 6.3X32PIGTAIL
Description  Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
Taille du fichier   266.16 Kbytes
Html View  1   2   3 
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6.3X32PIGTAIL Fiches technique (PDF) - Schurter Inc.



Numéro de pièce similaire - 6.3X32PIGTAIL_V01

FabricantNo de pièceFiches techniqueDescription
logo
Marquardt Management SE
6.3 1830.3111 MARQUARDT-6.3 1830.3111 Datasheet
456Kb / 4P
HIGH INRUSH SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES UP TO 20 (4) A 250 V~
6.3 1830.3112 MARQUARDT-6.3 1830.3112 Datasheet
456Kb / 4P
HIGH INRUSH SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES UP TO 20 (4) A 250 V~
6.3 1830.3118 MARQUARDT-6.3 1830.3118 Datasheet
456Kb / 4P
HIGH INRUSH SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES UP TO 20 (4) A 250 V~
6.3 1830.8112 MARQUARDT-6.3 1830.8112 Datasheet
456Kb / 4P
HIGH INRUSH SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES UP TO 20 (4) A 250 V~
6.3 1831.3312 MARQUARDT-6.3 1831.3312 Datasheet
456Kb / 4P
HIGH INRUSH SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES UP TO 20 (4) A 250 V~
More results


Description similaire - 6.3X32PIGTAIL_V01

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
8020.5068 SCHURTER-8020.5068 Datasheet
271Kb / 3P
Cartridge Fuse, 6.3x32 mm, 500 VAC, 1-8A, High Breaking Capacity of 1500 A
SHT6.3X32 SCHURTER-SHT6.3X32 Datasheet
278Kb / 3P
Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
8020.5068.PT SCHURTER-8020.5068.PT Datasheet
255Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SHF6.3X32 SCHURTER-SHF6.3X32 Datasheet
258Kb / 4P
Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A
SHF6.3X32PIGTAIL SCHURTER-SHF6.3X32PIGTAIL Datasheet
258Kb / 3P
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SHT6.3X32 SCHURTER-SHT6.3X32_18 Datasheet
313Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
SHT6.3X32 SCHURTER-SHT6.3X32_V01 Datasheet
300Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020
SHT6.3X32 SCHURTER-SHT6.3X32_V02 Datasheet
327Kb / 4P
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications.
SHF6.3X32 SCHURTER-SHF6.3X32_V01 Datasheet
313Kb / 4P
Cartridge Fuse, 6.3x32 mm, 500 VAC, 500 VDC 0.5 A-32 A, High Breaking Capacity ??1500 A
04.01.2022
SHT6.3X32PIGTAIL SCHURTER-SHT6.3X32PIGTAIL Datasheet
317Kb / 4P
Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com