Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1606387 Fiches technique (PDF) - PHOENIX CONTACT

No de pièce 1606387
Description  Feed-through of rear wall, straight, shielded: yes, Screw locking, M23, No. of pos.: 12, type of contact: Socket, Crimp connection, Axial O-ring, Central fixing, cable diameter range: 2 mm ... 14.5 mm
Taille du fichier   71.42 Kbytes
Html View  1   2 
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1606387 Fiches technique (PDF) - PHOENIX CONTACT



Numéro de pièce similaire - 1606387

FabricantNo de pièceFiches techniqueDescription
logo
General Cable Technolog...
16063 GENERAL-16063 Datasheet
127Kb / 2P
Carolprene짰 Jacketed Type SOOW/SJOOW
16063 GENERAL-16063 Datasheet
79Kb / 1P
Carolprene Jacketed Type SOOW
More results


Description similaire - 1606387

FabricantNo de pièceFiches techniqueDescription
logo
Meder Electronic
KSK-1A71-6-2030 MEDER-KSK-1A71-6-2030 Datasheet
120Kb / 1P
Glass length of 16.5 mm and diameter of 2.8 mm
KSK-1A46-1015 MEDER-KSK-1A46-1015 Datasheet
140Kb / 1P
Glass length of 12 mm and diameter of 2.0 mm
KSK-1A52-2025 MEDER-KSK-1A52-2025 Datasheet
139Kb / 1P
Glass length of 21 mm and diameter of 2.75 mm
KSK-1A53-2025 MEDER-KSK-1A53-2025 Datasheet
140Kb / 1P
Glass length of 20.5 mm and diameter of 2.8 mm
KSK-1A54-100105 MEDER-KSK-1A54-100105 Datasheet
137Kb / 1P
Glass length of 53.4 mm and diameter of 5.4 mm
logo
PHOENIX CONTACT
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
1593754 PHOENIX-1593754 Datasheet
63Kb / 2P
Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 6, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm
1603748 PHOENIX-1603748 Datasheet
64Kb / 2P
Cable connector, angled, shielded: yes, Screw locking, M23, No. of pos.: 63, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm
1603749 PHOENIX-1603749 Datasheet
64Kb / 2P
Cable connector, angled, shielded: yes, Screw locking, M23, No. of pos.: 63, type of contact: Socket, Solder connection, cable diameter range: 3 mm ... 10.5 mm
1606246 PHOENIX-1606246 Datasheet
64Kb / 2P
Cable connector, straight, shielded: yes, Screw locking, M23, No. of pos.: 81, type of contact: Socket, Solder connection
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com