Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1424369 Fiches technique (PDF) - PHOENIX CONTACT

No de pièce 1424369
Description  Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant
Taille du fichier   69.11 Kbytes
Html View  1   2   3 
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1424369 Fiches technique (PDF) - PHOENIX CONTACT



Numéro de pièce similaire - 1424369

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1424360 PHOENIX-1424360 Datasheet
66Kb / 3P
Coupling housings D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 64 mm, cable gland: none, support sleeve: no, 1x Pg16, Standard
1424361 PHOENIX-1424361 Datasheet
65Kb / 3P
Coupling housings D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 64 mm, cable gland: none, support sleeve: no, 1x M25, Standard
1424362 PHOENIX-1424362 Datasheet
355Kb / 9P
Housing - HC-STA-D15-BWS-EL-AL
Nov 30, 2022
1424363 PHOENIX-1424363 Datasheet
71Kb / 3P
Panel mounting base D15, with single locking latch, material: Die-cast aluminum, salt water resistant
1424365 PHOENIX-1424365 Datasheet
69Kb / 3P
Housing - HC-STA-D15-SLWS-2SSM25-EL-AL
More results


Description similaire - 1424369

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1424363 PHOENIX-1424363 Datasheet
71Kb / 3P
Panel mounting base D15, with single locking latch, material: Die-cast aluminum, salt water resistant
1424366 PHOENIX-1424366 Datasheet
69Kb / 3P
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 52 mm, cable gland: none, support sleeve: no, 2x Pg16, Standard
1424367 PHOENIX-1424367 Datasheet
69Kb / 3P
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 52 mm, cable gland: none, support sleeve: no, 2x Pg21, Standard
1424371 PHOENIX-1424371 Datasheet
68Kb / 3P
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant
1424373 PHOENIX-1424373 Datasheet
69Kb / 3P
Box mounting bases D15, with single locking latch, material: Die-cast aluminum, salt water resistant
1424392 PHOENIX-1424392 Datasheet
69Kb / 3P
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M20, Standard
1424393 PHOENIX-1424393 Datasheet
69Kb / 3P
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x M25, Standard
1424394 PHOENIX-1424394 Datasheet
68Kb / 3P
Box mounting bases D25, with single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 57 mm, cable gland: none, support sleeve: no, 2x Pg16, Standard
1424413 PHOENIX-1424413 Datasheet
67Kb / 3P
Box mounting bases D50, with double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 82 mm, cable gland: none, support sleeve: no, 2x M25, Standard
1424416 PHOENIX-1424416 Datasheet
68Kb / 3P
Box mounting bases D50, with double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 2, lateral, height: 82 mm, cable gland: Pg29, support sleeve: yes, 2x Pg29, Standard
More results

Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com