Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S03A Fiches technique (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

S03A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
No de pièce S03A
Télécharger  S03A Télécharger
Taille du fichier   140.24 Kbytes
Page   2 Pages
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 0.3A SURFACE MOUNT GLASS PASSIVATED DIODE

S03A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
S03A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

No de pièce S03A
Télécharger  S03A Click to download

Taille du fichier   140.24 Kbytes
Page   2 Pages
Fabricant  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Site Internet  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 0.3A SURFACE MOUNT GLASS PASSIVATED DIODE

S03A Fiches technique (HTML) - Zibo Seno Electronic Engineering Co.,Ltd




Numéro de pièce similaire - S03A

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Semiconducto...
S03A CHENDA-S03A Datasheet
408Kb / 2P
Surface Mount Standard Rectifiers
logo
HuaXinAn Electronics CO...
S03A HUAXINAN-S03A Datasheet
350Kb / 7P
SIDACtor Protection Thyristors
logo
Microdiode Semiconducto...
S03A CHENDA-S03A Datasheet
935Kb / 2P
Surface Mount Standard Rectifiers Reverse Voltage - 50 to 100 0 Volts Forward Current - 0.3 Ampere
logo
List of Unclassifed Man...
S03A1500W1 ETC-S03A1500W1 Datasheet
650Kb / 2P
HYBRID COUPLERS
S03A2750N1 ETC1-S03A2750N1 Datasheet
629Kb / 2P
Low Profile 3 dB hybrid coupler in an easy to use surface mount package for ISM
More results


Description similaire - S03A

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
Surface Mount Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
SUNMATE electronic Co.,...
GF2A SUNMATE-GF2A Datasheet
295Kb / 2P
SURFACE MOUNT SINTERED GLASS PASSIVATED RECTIFIER DIODE
logo
Zibo Seno Electronic En...
1N4001W ZSELEC-1N4001W Datasheet
140Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
DSR1A ZSELEC-DSR1A Datasheet
144Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
GS1000FL ZSELEC-GS1000FL Datasheet
139Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
logo
EIC discrete Semiconduc...
BYT62A EIC-BYT62A Datasheet
148Kb / 2P
SURFACE MOUNT GLASS PASSIVATED AVALANCHE DIODE
Rev. 01:December 11, 2012
EGF1T EIC-EGF1T Datasheet
403Kb / 2P
SURFACE MOUNT GLASS PASSIVATED AVALANCHE DIODE
Rev. 02 :May 27, 2019
QBYT62A EIC-QBYT62A Datasheet
184Kb / 2P
SURFACE MOUNT GLASS PASSIVATED AVALANCHE DIODE
Rev. 00 : April 7,2016
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com