Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303X6 Fiches technique (PDF) - STMicroelectronics

STM32F303X6 Datasheet PDF - STMicroelectronics
No de pièce STM32F303X6
Télécharger  STM32F303X6 Télécharger
Taille du fichier   1716.68 Kbytes
Page   115 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Up to 64 Kbytes of Flash memory

STM32F303X6 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STM32F303X6 Datasheet PDF - STMicroelectronics

No de pièce STM32F303X6
Télécharger  STM32F303X6 Click to download

Taille du fichier   1716.68 Kbytes
Page   115 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Up to 64 Kbytes of Flash memory

STM32F303X6 Fiches technique (HTML) - STMicroelectronics


STM32F303X6 Détails du produit

Features
■ Core: ARM® Cortex®-M4 32-bit CPU with FPU (72 MHz max), single-cycle multiplication and HW division, 90 DMIPS (from CCM), DSP instruction
■ Memories – Up to 64 Kbytes of Flash memory – 12 Kbytes of SRAM with HW parity check – Routine booster: 4 Kbytes of SRAM on instruction and data bus with HW parity check (CCM)
■ CRC calculation unit
■ Reset and supply management – Low-power modes: Sleep, Stop, Standby – VDD,VDDA voltage range: 2.0 to 3.6 V – Power-on/Power-down reset (POR/PDR) – Programmable voltage detector (PVD) – VBAT supply for RTC and backup registers
■ Clock management – 4 to 32 MHz crystal oscillator – 32 kHz oscillator for RTC with calibration – Internal 8 MHz RC (up to 64 MHz with PLL option) – Internal 40 kHz oscillator
■ Up to 51 fast I/O ports, all mappable on external interrupt vectors, several 5 V-tolerant
■ Interconnect Matrix
■ 7-channel DMA controller
■ Up to two ADC 0.20 µs (up to 21 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, single- ended/differential mode, separate analog supply from 2.0 to 3.6 V
■ Temperature sensor
■ Up to three 12-bit DAC channels with analog supply from 2.4 V to 3.6 V
■ Three ultra-fast rail-to-rail analog comparators with analog supply from 2 V to 3.6 V
■ One operational amplifiers that can be used in PGA mode, all terminals accessible with analog supply from 2.4 to 3.6 V
■ Up to 18 capacitive sensing channels supporting touchkeys, linear and rotary touch sensors
■ Up to 11 timers – One 32-bit timer and one 16-bit timer with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input – One 16-bit 6-channel advanced-control timer, with up to 6 PWM channels, deadtime generation and emergency stop – One 16-bit timer with 2 IC/OCs, 1 OCN/PWM, deadtime generation, emergency stop – Two 16-bit timers with IC/OC/OCN/PWM, deadtime generation and emergency stop – Two watchdog timers (independent, window) – SysTick timer: 24-bit downcounter – Up to two 16-bit basic timers to drive DAC
■ Calendar RTC with alarm, periodic wakeup from Stop
■ Communication interfaces – CAN interface (2.0 B Active) and one SPI – One I2C with 20 mA current sink to support Fast mode plus, SMBus/PMBus – Up to 3 USARTs, one with ISO/IEC 7816 interface, LIN, IrDA, modem control
■ Debug mode: serial wire debug (SWD), JTAG LQFP32 (7 x 7 mm) LQFP48 (7 x 7 mm) LQFP64 (10 x 10 mm)




Numéro de pièce similaire - STM32F303X6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
STM32F303X6 STMICROELECTRONICS-STM32F303X6_V01 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
More results


Description similaire - STM32F303X6

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
61Kb / 4P
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
18-Jul-2005
STM32F103RET6 STMICROELECTRONICS-STM32F103RET6 Datasheet
1Mb / 130P
256 to 512 Kbytes of Flash memory
19-Apr-2011
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
64 to 256 Kbytes of Flash memory
01-Aug-2011
logo
Renesas Technology Corp
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U_14 Datasheet
1Mb / 60P
From 64 to 256 Kbytes embedded Flash
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
29-Jan-2020
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
13-Nov-2015
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.